PART |
Description |
Maker |
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX5100 MAX5100AEUP MAX5100BEUP |
2.7V to 5.5V / Low-Power / Quad / Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs 2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
|
MAXIM[Maxim Integrated Products]
|
AD5302 AD5302BRM AD5322 AD5322BRM AD5312 AD5312BRM |
2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO10 2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package
|
Analog Devices, Inc. AD[Analog Devices]
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
AD8567 AD8567ACP AD8567ARU AD8565AKS AD8566 AD8565 |
16 V Rail-to-Rail Operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 16 V Rail-to-Rail Operational Amplifiers 16 V的轨到轨运算放大
|
Analog Devices, Inc. AD[Analog Devices]
|
MIC7211 MIC7211BM5 MIC7221BM5 MIC7221 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN IttyBitty Rail-to-Rail Input Comparator(IttyBitty技术满幅度输入比较 IttyBitty Rail-to-Rail Input Comparator Preliminary Information IttyBitty⑩ Rail-to-Rail Input Comparator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
KBPC102 KBPC106 KBPC108 KBPC110 KBPC1005 KBPC101 K |
SINGLE PHASE GLASS BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-TSSOP -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
http:// CHENYI[Shanghai Lunsure Electronic Tech] 上海朗硕科技有限公司
|
AD8638ARJZ-R2 AD8639ACPZ-R2 AD8639ARMZ AD8639ARZ-R |
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 23 uV OFFSET-MAX, 1.35 MHz BAND WIDTH, PDSO5 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
KBPC1016F_W KBPC1000F_W KBPC1000FW KBPC1001F_W KBP |
Silicon-Bridge Recitifers Rail-To-Rail uPower Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC 0 to 70 Quad Rail-To-Rail uPower Operational Amplifier 14-TSSOP 0 to 70 RES 365K 1% .063W
|
SEMIKRON[Semikron International]
|